|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
This document was generated on 06/02/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: Status: Overview: Description: 0901230115 Active cgrid_iii 2.54mm (.100") Pitch C-Grid IIITM Modular Crimp Housing - Single Row, 2 Polarizing Buttons, 15 Circuits Documents: 3D Model Drawing (PDF) RoHS Certificate of Compliance (PDF) Series General Product Family Series Comments Overview Product Name Crimp Housings 90123 2 Polarizing Buttons cgrid_iii C-Grid IIITM image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Physical Circuits (maximum) Color - Resin Gender Glow-Wire Compliant Material - Resin Number of Rows Packaging Type Panel Mount Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Stackable Temperature Range - Operating 15 Black Female No PPO 1 Bag No 0.100 In 2.54 mm Yes -55C to +105C Material Info Reference - Drawing Numbers Sales Drawing SD-90123 Search Parts in this Series 90123Series Mates With C-Grid IIITM Header 90120 , 90121 , C-Grid IIITM Header 90136 Use With 90119 C-Grid IIITM Crimp Terminal This document was generated on 06/02/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION |
Price & Availability of 90123-0115 |